PART |
Description |
Maker |
CW160808-72NJ CW160808-82NJ CW160808-12NJ CW160808 |
MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.072 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD High Q Chip Inductors 1 ELEMENT, 0.082 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD High Q Chip Inductors 1 ELEMENT, 0.012 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD High Q Chip Inductors 1 ELEMENT, 0.022 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD High Q Chip Inductors 1 ELEMENT, 0.01 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD High Q Chip Inductors 1 ELEMENT, 0.12 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns, Inc.
|
CM100505-5N6D CM160808-1N5D CM160808-1N8D CM160808 |
SMT Chip Inductors 1 ELEMENT, 22 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 3.9 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 10 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 1.8 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 12 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 33 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 5.6 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 0.033 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 8.2 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 2.7 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 0.0074 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 6.8 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 47 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 0.082 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Chip Inductors 1 ELEMENT, 39 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns Inc. Bourns, Inc.
|
LQW2BHN27NJ01B LQW31HN17NJ01B LQW31HN17NK01L |
1 ELEMENT, 0.027 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.017 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
MURATA MANUFACTURING CO LTD
|
GLY8N205 |
1 ELEMENT, 8200 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
SPRAGUE-GOODMAN ELECTRONICS INC
|
PSC4500BL4A1GGHTS PSC4500BL4A1GNKTS PSC4500BM4A1GG |
1 ELEMENT, 0.045 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
VISHAY ELECTRO-FILMS
|
TFPT |
Linear PTC Surface Mount Chip Thermistors, Nickel barrier with tin/lead wraparound terminations, Alumina substrate base with PTC thin film element, 0603, 0805, and 1206 sizes available
|
Vishay
|
AS1122B-BQFT |
12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
|
austriamicrosystems AG
|
TA307 TA207 TA810 TA310 TA100 TA805 TA305 TA203 TA |
TA Series / Power Chip Resisters / Thick Film on Alumina Substrate Power Chip Resistors Thick Film on Alumina Substrate
|
Ohmite List of Unclassifed Manufacturers ETC[ETC]
|
CC4 |
50 x 100 NiCr on Alumina
|
Vishay
|
MIF |
16 x 20 Ta2 N Microwave on Alumina
|
Vishay
|
CTA |
30 x 30 NiCr Center-Tap on Alumina
|
Vishay
|
|